Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10EP446 Datasheet(PDF) 18 Page - ON Semiconductor

Part No. MC10EP446
Description  3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10EP446 Datasheet(HTML) 18 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
18
Figure 17. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EP446FA
LQFP−32
250 Units / Tray
MC10EP446FAG
LQFP−32
(Pb−Free)
250 Units / Tray
MC10EP446FAR2
LQFP−32
2000 / Tape & Reel
MC10EP446FAR2G
LQFP−32
(Pb−Free)
2000 / Tape & Reel
MC100EP446FA
LQFP−32
250 Units / Tray
MC100EP446FAG
LQFP−32
(Pb−Free)
250 Units / Tray
MC100EP446FAR2
LQFP−32
2000 / Tape & Reel
MC100EP446FAR2G
LQFP−32
(Pb−Free)
2000 / Tape & Reel
MC10EP446MNG
QFN−32
(Pb−Free)
74 Units / Rail
MC100EP446MNG
QFN−32
(Pb−Free)
74 Units / Rail
MC10EP446MNR4G
QFN−32
(Pb−Free)
1000 / Tape & Reel
MC100EP446MNR4G
QFN−32
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn