Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10EP446 Datasheet(PDF) 14 Page - ON Semiconductor

Part No. MC10EP446
Description  3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10EP446 Datasheet(HTML) 14 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
14
The device also features a differential SYNC input (Pins 29 and 30), which asynchronously reset all internal flip–flops and
clock circuitry on the rising edge of SYNC. The release of SYNC is a synchronous process, which ensures that no runt serial
data bits are generated. The falling edge of the SYNC followed by a falling edge of CLK initiates the start of the conversion
process on the next rising edge of CLK (Figures 9 and 10). As shown in the figures below, the device will start to latch the
parallel input data after the a falling edge of SYNC
¬, followed by the falling edge CLK ­, on the next rising of edge of CLK
® for CKSEL LOW
Figure 9. Timing Diagram 1:8 Parallel to Serial Conversion with CKSEL LOW and SYNC
CLK
SYNC
SOUT
PCLK
D0
D0−2
D1
D2
D3
D4
D5
D6
D7
D2−2
D3−2
D4−2
D5−2
D6−2
D7−2
D0−3
D1−3
D2−3
D3−3
D4−3
D5−3
D6−3
D7−3
D1−2
CKSEL
D0−1
D2−1
D3−1
D4−1
D5−1
D6−1
D7−1
D1−1
D0−4
D1−4
D2−4
D3−4
D4−4
D5−4
D6−4
D7−4
1
2
3
4
567
Data Latched
Data Latched
Data Latched
Data Latched
Figure 10. Synchronous Release of SYNC for CKSEL LOW
CLK
SYNC
SYNC
(Asynchronous RESET)
À
Á
Â
À
Á
Â
SYNC
(Synchronous ENABLE)
Number of Clock Cycles from Data Latch to SOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn