Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9511C14SRL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9511C14SRL
Description  Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9511C14SRL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9511C14SRL Datasheet HTML 1Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 2Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 3Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 4Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 5Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 6Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 7Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 8Page - Torex Semiconductor XC9511C14SRL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Preliminary
! ELECTRICAL CHARACTERISTICS
XC9511xxxCSx
# Common Characteristics
# DC/DC Converter (1.5V product)
# Regulator (3.3V product)
%
ppm/
OC
mS
mS
UNITS
V
MHz
%
±100
-2
ppm /
OC
Output Voltage
! VROUT
IROUT=30mA
-40
OC<Topr<85OC
-
Temperature Characteristics
(
!Topr"VROUT)
60
-
12
dB
Ripple Rejection Rate
PSRR
VIN={VOUT(T) + 1.0} VDC + 0.5Vp-pAC
IROUT=30mA, f=1kHz
-
30
-
7
mA
Short-Circuit Current
ISHORT
VROUT=VSS
-
600
-
7
mA
Current Limit
ILIM2
VROUT=VROUT(E) x 0.9
480
0.05
0.25
2
%/V
Line Regulation
! VROUT
IROUT=30mA
-
(
!VIN"VROUT)
VROUT(T)+1V<VIN<6V
100
200
2
mV
Dropout Voltage 2
Vdif 2
IROUT=200mA
-
50
110
2
mV
Dropout Voltage 1 (note 5)
Vdif 1
IROUT=100mA
-
15
50
2
mV
Load Regulation
! VROUT
1mA<IROUT<100mA
-
--
2
mA
Maximum Output Current
IMAX2
400
3.300
3.366
2
V
Output Voltage
VROUT(E)
IROUT=30mA
3.234
Topr=25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
TEST
CIRCUIT
UNITS
3
Soft Start Time
TSS
Connected to the external components,
CE=0V
"VIN, IDOUT=1mA
25
10
3
Temperature Characteristics
(
!Topr"DCOUT)
IDOUT=30mA
-40
OC<Topr<85OC
-
±100
-
6
Efficiency (note 3)
EFFI
Connected to the external components,
IDOUT=100mA
-90-
3
1.0
--
3
mA
Maximum Output Current
IMAX1
Connected to the external components
800
0.05
1.00
11
µA
LX SW 'Low' Leak Current
(note 11)
IleakL
VIN=6.0V, LX=CE=0V
-
0.05
1.00
11
µA
LX SW 'High' Leak Current
(note 11)
IleakH
VIN=LX=6.0V, CE=0V
-
0.5
0.9
3
LX SW 'Low' ON Resistance
RLXL
Connected to the external components,
VIN=5.0V
-
1.40
1.78
3
V
4
PFM Duty Ratio
*XC9511D/E/F
PFMDUTY
Connected to the external components,
No Load
21
30
38
3
%
--
0
3
Maximum Duty Ratio
MAXDUTY
DCOUT=0V
100
-
-
4
TEST
CIRCUIT
6.0
3
Output Voltage
DCOUT(E)
Connected to the external components,
IDOUT=30mA
1.470
1.500
1.530
V
%
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
1.02
1.20
1.38
-
Input Voltage Range
VIN
2.4
Supply Current 2
IDD2
VIN=CE=5.0V, DCOUT=0V
-
TEST
CIRCUIT
1
310
1
300
360
UNITS
µΑ
µΑ
CONDITIONS
MIN.
TYP.
MAX.
Topr=25
OC
VIN=CE=DCOUT=5.0V
-
250
-
Current Limit (note 8)
ILIM1
Output Voltage
! DCOUT
10
Latch Time (note 4, 9)
Tlat
Connected to the external components,
VIN=CE=5.0V,
Short DCOUT by 1
Ω resistor
-8
25
Oscillation Frequency
FOSC
Connected to the external components,
IDOUT=10mA
Minimum Duty Ratio
MINDUTY
DCOUT=VIN
U.V.L.O Voltage (note 1)
VUVLO
Connected to the external components
1.00
LX SW 'High' ON Resistance
(note 2)
RLXH
5
DCOUT=0V, LX=VIN-0.05V
-
0.5
1.0
A
1.1
-
XC9511 Series
Supply Current 1
IDD1
PARAMETER
SYMBOL
Semiconductor Ltd.
Data Sheet
4


Similar Part No. - XC9511C14SRL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511C1433 TOREX-XC9511C1433 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511C1434 TOREX-XC9511C1434 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511C1463 TOREX-XC9511C1463 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511C1464 TOREX-XC9511C1464 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511C14C3 TOREX-XC9511C14C3 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
More results

Similar Description - XC9511C14SRL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com