Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP57DT Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC10EP57DT
Description  3.3V / 5V ECL 4:1 Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP57DT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC10EP57DT Datasheet HTML 3Page - ON Semiconductor MC10EP57DT Datasheet HTML 4Page - ON Semiconductor MC10EP57DT Datasheet HTML 5Page - ON Semiconductor MC10EP57DT Datasheet HTML 6Page - ON Semiconductor MC10EP57DT Datasheet HTML 7Page - ON Semiconductor MC10EP57DT Datasheet HTML 8Page - ON Semiconductor MC10EP57DT Datasheet HTML 9Page - ON Semiconductor MC10EP57DT Datasheet HTML 10Page - ON Semiconductor MC10EP57DT Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC10EP57, MC100EP57
http://onsemi.com
8
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EP57DT
TSSOP−20
75 Units / Rail
MC10EP57DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC10EP57DTR2
TSSOP−20
2500 / Tape & Reel
MC10EP57DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC10EP57MNG
QFN−20
(Pb−Free)
92 Units / Rail
MC10EP57MNTXG
QFN−20
(Pb−Free)
3000 / Tape & Reel
MC100EP57DT
TSSOP−20
75 Units / Rail
MC100EP57DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC100EP57DTR2
TSSOP−20
2500 / Tape & Reel
MC100EP57DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC100EP57MNG
QFN−20
(Pb−Free)
92 Units / Rail
MC100EP57MNTXG
QFN−20
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10EP57DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results

Similar Description - MC10EP57DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com