Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP56 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP56
Description  3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP56 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP56_06 Datasheet HTML 1Page - ON Semiconductor MC10EP56_06 Datasheet HTML 2Page - ON Semiconductor MC10EP56_06 Datasheet HTML 3Page - ON Semiconductor MC10EP56_06 Datasheet HTML 4Page - ON Semiconductor MC10EP56_06 Datasheet HTML 5Page - ON Semiconductor MC10EP56_06 Datasheet HTML 6Page - ON Semiconductor MC10EP56_06 Datasheet HTML 7Page - ON Semiconductor MC10EP56_06 Datasheet HTML 8Page - ON Semiconductor MC10EP56_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 14
1
Publication Order Number:
MC10EP56/D
MC10EP56, MC100EP56
3.3V / 5VECL Dual
Differential 2:1 Multiplexer
Description
The MC10/100EP56 is a dual, fully differential 2:1 multiplexer. The
differential data path makes the device ideal for multiplexing low
skew clock or other skew sensitive signals. Multiple VBB pins are
provided.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The device features both individual and common select inputs to
address both data path and random logic applications.
The 100 Series contains temperature compensation.
Features
360 ps Typical Propagation Delays
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Separate and Common Select
Q Output Will Default LOW with Inputs Open or at VEE
VBB Outputs
Pb−Free Packages are Available
xxxx
= MC10 or 100
D
= Date Code
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G, G
= Pb−Free Package
SOIC−20
DW SUFFIX
CASE 751D
MARKING DIAGRAMS*
TSSOP−20
DT SUFFIX
CASE 948R
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
20
1
MC100EP56
AWLYYWWG
XXXX
EP56
ALYWG
G
1
20
QFN−20
MN SUFFIX
CASE 485E
XXXX
EP56
ALYWG
G


Similar Part No. - MC10EP56_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56DTG ONSEMI-MC10EP56DTG Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
MC10EP56DTR2 ONSEMI-MC10EP56DTR2 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56DTR2 ONSEMI-MC10EP56DTR2 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
More results

Similar Description - MC10EP56_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com