Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP51 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10EP51
Description  3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP51 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC10EP51_06 Datasheet HTML 3Page - ON Semiconductor MC10EP51_06 Datasheet HTML 4Page - ON Semiconductor MC10EP51_06 Datasheet HTML 5Page - ON Semiconductor MC10EP51_06 Datasheet HTML 6Page - ON Semiconductor MC10EP51_06 Datasheet HTML 7Page - ON Semiconductor MC10EP51_06 Datasheet HTML 8Page - ON Semiconductor MC10EP51_06 Datasheet HTML 9Page - ON Semiconductor MC10EP51_06 Datasheet HTML 10Page - ON Semiconductor MC10EP51_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC10EP51, MC100EP51
http://onsemi.com
7
0
100
200
300
400
500
600
700
800
900
1000
1100
0
1000
2000
3000
4000
5000
6000
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
Measured
Simulated
(JITTER)
9
10
11
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC10EP51_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP51D ONSEMI-MC10EP51D Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP51D ONSEMI-MC10EP51D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP51DG ONSEMI-MC10EP51DG Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
MC10EP51DR2 ONSEMI-MC10EP51DR2 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP51DR2G ONSEMI-MC10EP51DR2G Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results

Similar Description - MC10EP51_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com