Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN65LVDS047 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN65LVDS047
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN65LVDS047 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDS047
SLLS416B – JUNE 2000 – REVISED DECEMBER 2003
over recommended operating free-air temperature range (see (1) and (2)) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(3)
MAX
UNIT
VOD
Differential output voltage
250
310
450
mV
Change in magnitude of VOD for
n|VOD|
1
35
|mV|
complementary output states
Steady-state, common-mode output
VOC(SS)
1.125
1.17
1.375
V
voltage
RL = 100 Ω, see Figure 1
Change in steady-state
nVOC(SS)
common-mode output voltage
1
25
|mV|
between logic states
VOH
Output high voltage
1.33
1.6
V
VOL
Output low voltage
0.90
1.02
V
VIH
Input high voltage
2
VCC
V
VIL
Input low voltage
GND
0.8
V
IIH
Input high current
VIN = VCC or 2.5 V
-10
3
10
µA
IIL
Input low current
VIN = GND or 0.4 V
-10
1
10
µA
VIK
Input clamp voltage
ICL = -18 mA
-1.5
-0.8
V
Enabled, DIN = VCC, DOUT+ = 0
IOS
Output short circuit current, see (4)
-3.1
-9
mA
V or DIN = GND, DOUT- = 0 V
Differential output short circuit
IOSD
Enabled, VOD = 0 V
-9
mA
current, see (4)
VO = 0 V or 3.6 V, VCC = 0 V or
IOFF
Power-off leakage
-1
1
µA
Open
EN = 0.8 V and EN = 2 V, VO =
IOZ
Output 3-state current
-1
1
µA
0 V or VCC
No load supply current, drivers
ICC
DIN = VCC or GND
7
mA
enabled
Loaded supply current, drivers
RL = 100 Ω all channels, DIN =
ICCL
20
26
mA
enabled
VCC or GND (all inputs)
No load supply current, drivers
DIN = VCC or GND, EN = GND,
ICC(Z)
0.5
1.3
mA
disabled
EN = VCC
(1)
Current into device pin is defined as positive. Current out of the device is defined as negative. All voltages are referenced to ground,
unless otherwise specified.
(2)
The SN65LVDS047 is a current mode device and only functions within data sheet specifications when a resistive load is applied to the
driver outputs, 90
Ω to 110 Ω typical range.
(3)
All typical values are given for: VCC = 3.3 V, TA = 25°C.
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS26LV31QML3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 National Semiconductor (TI)
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
PI90LV048A3V LVDS Quad Flow-Through Differential Line Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
DS90LV028AHHigh Temperature 3V LVDS Dual Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
FIN1001_043.3V LVDS 1-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
MC1488_06RS-232 quad line driver 1 2 3 4 5 MoreSTMicroelectronics
ST26C32ACMOS quad tri-state differential line receiver 1 2 3 4 5 MoreSTMicroelectronics
ET9600THREE CHANNEL DIFFERENTIAL LINE DRIVER IC 1 2 List of Unclassifed Manufacturers
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn