Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP016FAG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC100EP016FAG
Description  3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016FAG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC100EP016FAG Datasheet HTML 5Page - ON Semiconductor MC100EP016FAG Datasheet HTML 6Page - ON Semiconductor MC100EP016FAG Datasheet HTML 7Page - ON Semiconductor MC100EP016FAG Datasheet HTML 8Page - ON Semiconductor MC100EP016FAG Datasheet HTML 9Page - ON Semiconductor MC100EP016FAG Datasheet HTML 10Page - ON Semiconductor MC100EP016FAG Datasheet HTML 11Page - ON Semiconductor MC100EP016FAG Datasheet HTML 12Page - ON Semiconductor MC100EP016FAG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC10EP016, MC100EP016
http://onsemi.com
9
Applications Information
Cascading Multiple EP016 Devices
For applications which call for larger than 8-bit counters
multiple EP016s can be tied together to achieve very wide
bit width counters. The active low terminal count (TC)
output and count enable input (CE) greatly facilitate the
cascading of EP016 devices. Two EP016s can be cascaded
without the need for external gating, however for counters
wider than 16 bits external OR gates are necessary for
cascade implementations.
Figure 3 below pictorially illustrates the cascading of 4
EP016s to build a 32-bit high frequency counter. Note the
EP01 gates used to OR the terminal count outputs of the
lower order EP016s to control the counting operation of the
higher order bits. When the terminal count of the preceding
device (or devices) goes low (the counter reaches an all 1s
state) the more significant EP016 is set in its count mode and
will count one binary digit upon the next positive clock
transition. In addition, the preceding devices will also count
one bit thus sending their terminal count outputs back to a
high state disabling the count operation of the more
significant counters and placing them back into hold modes.
Therefore, for an EP016 in the chain to count, all of the lower
order terminal count outputs must be in the low state. The bit
width of the counter can be increased or decreased by simply
adding or subtracting EP016 devices from Figure 3 and
maintaining the logic pattern illustrated in the same figure.
The maximum frequency of operation for a cascaded
counter chain is set by the propagation delay of the TC output,
the necessary setup time of the CE input, and the propagation
delay through the OR gate controlling it (for 16−bit counters
the limitation is only the TC propagation delay and the CE
setup time). Figure 3 shows EP01 gates used to control the
count enable inputs, however, if the frequency of operation is
slow enough, a LVECL OR gate can be used. Using the worst
case guarantees for these parameters.
Figure 3. 32-Bit Cascaded EP016 Counter
CLK
P0 to P7
TC
CLK
P0 to P7
TC
CLK
EP01
P0 to P7
P0 to P7
MSB
EP016
Q0 to Q7
Q0 to Q7
Q0 to Q7
EP016
Q0 to Q7
EP016
PE
CE
LSB
EP016
PE
CE
LOAD
LO
CLK
CLK
CLK
EP01
TC
CLK
PE
CE
CLK
TC
CLK
PE
CE
CLK
Note that this assumes the trace delay between the TC
outputs and the CE inputs are negligible. If this is not the
case estimates of these delays need to be added to the
calculations.
Programmable Divider
The EP016 has been designed with a control pin which
makes it ideal for use as an 8-bit programmable divider. The
TCLD pin (load on terminal count) when asserted reloads the
data present at the parallel input pin (Pn’s) upon reaching
terminal count (an all 1s state on the outputs). Because this
feedback is built internal to the chip, the programmable
division operation will run at very nearly the same frequency
as the maximum counting frequency of the device. Figure 4
below illustrates the input conditions necessary for utilizing
the EP016 as a programmable divider set up to divide by 113.


Similar Part No. - MC100EP016FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016FAG ONSEMI-MC100EP016FAG Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

Similar Description - MC100EP016FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com