Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP11DT Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC10EP11DT
Description  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11DT Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC10EP11DT Datasheet HTML 3Page - ON Semiconductor MC10EP11DT Datasheet HTML 4Page - ON Semiconductor MC10EP11DT Datasheet HTML 5Page - ON Semiconductor MC10EP11DT Datasheet HTML 6Page - ON Semiconductor MC10EP11DT Datasheet HTML 7Page - ON Semiconductor MC10EP11DT Datasheet HTML 8Page - ON Semiconductor MC10EP11DT Datasheet HTML 9Page - ON Semiconductor MC10EP11DT Datasheet HTML 10Page - ON Semiconductor MC10EP11DT Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC10EP11, MC100EP11
http://onsemi.com
10
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


Similar Part No. - MC10EP11DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11DT ONSEMI-MC10EP11DT Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11DTG ONSEMI-MC10EP11DTG Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10EP11DTR2 ONSEMI-MC10EP11DTR2 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results

Similar Description - MC10EP11DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com