Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD18002D2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD18002D2
Description  POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD18002D2 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD18002D2 Datasheet HTML 1Page - ON Semiconductor MJD18002D2 Datasheet HTML 2Page - ON Semiconductor MJD18002D2 Datasheet HTML 3Page - ON Semiconductor MJD18002D2 Datasheet HTML 4Page - ON Semiconductor MJD18002D2 Datasheet HTML 5Page - ON Semiconductor MJD18002D2 Datasheet HTML 6Page - ON Semiconductor MJD18002D2 Datasheet HTML 7Page - ON Semiconductor MJD18002D2 Datasheet HTML 8Page - ON Semiconductor MJD18002D2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 2
1
Publication Order Number:
MJD18002D2/D
MJD18002D2
Bipolar NPN Transistor
High Speed, High Gain Bipolar NPN
Power Transistor with Integrated
Collector−Emitter Diode and Built−In
Efficient Antisaturation Network
The MJD18002D2 is a state−of−the−art high speed, high gain
bipolar transistor (H2BIP). Tight dynamic characteristics and lot to lot
minimum spread (
±150 ns on storage time) make it ideally suitable for
light ballast applications. Therefore, there is no longer a need to
guarantee an hFE window.
Features
Low Base Drive Requirement
High Peak DC Current Gain (55 Typical) @ IC = 100 mA
Extremely Low Storage Time Min/Max Guarantees Due to the
H2BIP Structure which Minimizes the Spread
Integrated Collector−Emitter Free Wheeling Diode
Fully Characterized and Guaranteed Dynamic VCEsat
Characteristics Make It Suitable for PFC Application
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
Six Sigma® Process Providing Tight and Reproductible Parameter
Spreads
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Sustaining Voltage
VCEO
450
Vdc
Collector−Base Breakdown Voltage
VCBO
1000
Vdc
Collector−Emitter Breakdown Voltage
VCES
1000
Vdc
Emitter−Base Voltage
VEBO
11
Vdc
Collector Current
− Continuous
Collector Current
− Peak (Note 1)
IC
ICM
2.0
5.0
Adc
Base Current
− Continuous
Base Current
− Peak (Note 1)
IB
IBM
1.0
2.0
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
50
0.4
W
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
−65 to +150
°C
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
71.4
°C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle = 10%.
POWER TRANSISTOR
2 AMPERES
1000 VOLTS, 50 WATTS
Device
Package
Shipping
ORDERING INFORMATION
MJD18002D2T4
DPAK
3000/Tape & Reel
DPAK
CASE 369C
STYLE 1
MARKING DIAGRAM
Y
= Year
WW
= Work Week
18002D2 = Device Code
G
= Pb−Free Package
1 2
3
4
YWW
180
02D2G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MJD18002D2T4G
DPAK
(Pb−Free)
3000/Tape & Reel


Similar Part No. - MJD18002D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
Micro Commercial Compon...
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
   Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
MJD112 WINNERJOIN-MJD112 Datasheet
109Kb / 2P
   TO-251/TO-252-2 Plastic-Encapsulate Transistors
More results

Similar Description - MJD18002D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
   50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com