Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJD2955 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MJD2955
Description  Complementary Power Transistors DPAK For Surface Mount Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MJD2955 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 8
1
Publication Order Number:
MJD2955/D
MJD2955 (PNP)
MJD3055 (NPN)
Complementary Power
Transistors
DPAK For Surface Mount Applications
Designed for general purpose amplifier and low speed switching
applications.
Features
Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
Straight Lead Version in Plastic Sleeves (“−1” Suffix)
Electrically Similar to MJE2955 and MJE3055
DC Current Gain Specified to 10 Amperes
High Current Gain−Bandwidth Product − fT = 2.0 MHz (Min) @ IC
= 500 mAdc
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Base Voltage
VCB
70
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
IC
10
Adc
Base Current
IB
6
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD{
20
0.16
W
W/
°C
Total Power Dissipation (Note1)
@ TA = 25°C
Derate above 25
°C
PD
1.75
0.014
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient
(Note1)
RqJA
71.4
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
†Safe Area Curves are indicated by Figure 1. Both limits are applicable and must
be observed.
1. These ratings are applicable when surface mounted on the minimum pad
sizes recommended.
SILICON
POWER TRANSISTORS
10 AMPERES
60 VOLTS, 20 WATTS
DPAK−3
CASE 369D
STYLE 1
DPAK
CASE 369C
STYLE 1
MARKING
DIAGRAMS
1 2
3
4
YWW
J
xx55G
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
2
3
4
YWW
J
xx55G
http://onsemi.com
Y
= Year
WW
= Work Week
Jxx55 = Device Code
x = 29 or 30
G
= Pb−Free Package


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn