Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ11029G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJ11029G
Description  High?묬urrent Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11029G Datasheet(HTML) 3 Page - ON Semiconductor

  MJ11029G Datasheet HTML 1Page - ON Semiconductor MJ11029G Datasheet HTML 2Page - ON Semiconductor MJ11029G Datasheet HTML 3Page - ON Semiconductor MJ11029G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ11028, MJ11030, MJ11032 (NPN)
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
MJ11028
TO−204
100 Units / Tray
MJ11028G
TO−204
(Pb−Free)
MJ11029
TO−204
MJ11029G
TO−204
(Pb−Free)
MJ11030
TO−204
MJ11030G
TO−204
(Pb−Free)
MJ11032
TO−204
MJ11032G
TO−204
(Pb−Free)
MJ11033
TO−204
MJ11033G
TO−204
(Pb−Free)
100
0.2
Figure 2. DC Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.1
0.5
1
2
5
10
20
50
200
20
10
5
50
2
1
0.5
0.2
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
SECOND BREAKDOWN LIMITED
MJ11028, 29
MJ11032, 33
100
There are two limitations on the power−handling ability
of a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 200_C; TC is
variable
depending
on
conditions.
At
high
case
temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by
second breakdown.
IC, COLLECTOR CURRENT (AMP)
100 k
IC, COLLECTOR CURRENT (AMP)
50 k
20 k
10 k
5 k
2 k
500
Figure 3. DC Current Gain
12
510
100
20
50
Figure 4. “On” Voltage
100
VCE = 5 V
TJ = 25°C
1 k
200
MJ11029, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
5
4
3
2
1
1
2
5
10
100
20
50
0
3
TJ = 25°C
IC/IB = 100
VBE(sat)
80 ms
(PULSED)
MJ11029, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
80 ms
(PULSED)
VCE(sat)


Similar Part No. - MJ11029G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ11029G ONSEMI-MJ11029G Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
More results

Similar Description - MJ11029G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5684 ONSEMI-2N5684_06 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
MJ14001 ONSEMI-MJ14001_05 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com