Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E1651FN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10E1651FN
Description  5V, ??V Dual ECL Output Comparator with Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651FN Datasheet(HTML) 5 Page - ON Semiconductor

  MC10E1651FN Datasheet HTML 1Page - ON Semiconductor MC10E1651FN Datasheet HTML 2Page - ON Semiconductor MC10E1651FN Datasheet HTML 3Page - ON Semiconductor MC10E1651FN Datasheet HTML 4Page - ON Semiconductor MC10E1651FN Datasheet HTML 5Page - ON Semiconductor MC10E1651FN Datasheet HTML 6Page - ON Semiconductor MC10E1651FN Datasheet HTML 7Page - ON Semiconductor MC10E1651FN Datasheet HTML 8Page - ON Semiconductor MC10E1651FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10E1651
http://onsemi.com
5
APPLICATIONS INFORMATION
The timing diagram (Figure 3.) is presented to illustrate
the MC10E1651’s compare and latch features. When the
signal on the LEN pin is at a logic high level, the device is
operating in the “compare mode,” and the signal on the input
arrives at the output after a nominal propagation delay (tPHL,
tPLH). The input signal must be asserted for a time, ts, prior
to the negative going transition on LEN and held for a time,
th, after the LEN transition. After time th, the latch is
operating in the “latch mode,” thus transitions on the input
do not appear at the output. The device continues to operate
in the “latch mode” until the latch is asserted once again.
Moreover, the LEN pulse must meet the minimum pulse
width (tpw) requirement to effect the correct input-output
relationship. Note that the LEN waveform in Figure 3.
shows the LEN signal swinging around a reference labeled
VBBINT; this waveform emphasizes the requirement that
LEN follow typical ECL 10KH logic levels because
VBBINT is the internally generated reference level, hence is
nominally at the ECL VBB level.
Finally, VOD is the input voltage overdrive and represents
the voltage level beyond the threshold level (VTHR) to which
the input is driven. As an example, if the threshold level is
set on one of the comparator inputs as 80 mV and the input
signal swing on the complementary input is from zero to
100 mV, the positive going overdrive would be 20 mV and
the negative going overdrive would be 80 mV. The result of
differing overdrive levels is that the devices have shorter
propagation delays with greater overdrive because the
threshold level is crossed sooner than the case of lower
overdrive levels. Typically, semiconductor manufactures
refer to the threshold voltage as the input offset voltage
(VOS) since the threshold voltage is the sum of the
externally supplied reference voltage and inherent device
offset voltage.
Figure 3. Input/Output Timing Diagram
Q
Q
VTHR
V
LEN
VBBINT
VOD
tpw
th
ts
tPHL
tPLH(LEN)
VIN


Similar Part No. - MC10E1651FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651FNR2G ONSEMI-MC10E1651FNR2G Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results

Similar Description - MC10E1651FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175_06 Datasheet
81Kb / 8P
   5V ECL 9-Bit Latch With Parity
December, 2006 ??Rev. 9
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
   5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com