Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44605 Datasheet(PDF) 17 Page - ON Semiconductor

Part # MC44605
Description  High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44605 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button MC44605 Datasheet HTML 12Page - ON Semiconductor MC44605 Datasheet HTML 13Page - ON Semiconductor MC44605 Datasheet HTML 14Page - ON Semiconductor MC44605 Datasheet HTML 15Page - ON Semiconductor MC44605 Datasheet HTML 16Page - ON Semiconductor MC44605 Datasheet HTML 17Page - ON Semiconductor MC44605 Datasheet HTML 18Page - ON Semiconductor MC44605 Datasheet HTML 19Page - ON Semiconductor MC44605 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MC44605
http://onsemi.com
17
Consequently, by replacing VOHD by 2.5 V (threshold
value) in the last equation, the value ROHD to use, can be
deducted:
R
OHD +
2.5
R
ref
R
dson
3
Γ
OHD
R 2
S
(pon)max
where: (pon)max are the maximum on time losses that are
acceptable.
Disabling Block Section
This section consists of a “definitive inhibition latch”
(directly supplied by the Vcc) that disables the output (the
output is forced to zero).
In effect, this block aims at definitively disabling the
circuit when one of the following faults is detected:
— a Winding Short Circuit
— too high synchronization pulses
— a too high input power
— a too high power switch (MOSFET) heating
The signals corresponding to these faults are high when a
fault is detected (for instance, when the input power is
detected as too high, DisMPL is high).
When one (or several) of these four faults is detected, a
current source charges Cext (with a certain duty cycle) and
when its voltage becomes higher than Vref, the definitive
inhibition latch is activated. Thus, the circuit gets
definitively disabled after a delay depending on Cext.
According to the detected fault, the current that charges
Cext is not the same:
The typical values are:
— 260
mA for EHTOVP and WSCD
— 8.5
mA for OHD and MPL
when Rref is equal to 10 kW.
Figure 15. Disabling Block
2.5 V
DisOHD
DisMPL
Vref
3.4% Iref
MC44605
Pin 12
10
Definitive
Inhibition
Latch
VCC
Output
Buffer
Vref
104% Iref
E.H.T.OVP
Q S
R
VWSCD
Delay
4
mS
10
This latch is reset when the Vcc falls down to about 3.0 V.
In this case, if a new startup is performed, the circuit will
work normally (until this fault or another one is detected).
Practically, to re−start after a fault has shutdown the
circuit, the converter must be turned off for a time long
enough to enable the Vcc capacitor discharge (repair time...).
Note: As VWSCD is generally a really narrow pulse, it is
necessary to add a latch and a delay to build a 4
ms width
pulse when VWSCD becomes high.


Similar Part No. - MC44605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605P ONSEMI-MC44605P Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
More results

Similar Description - MC44605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603 ONSEMI-MC44603 Datasheet
451Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC33368 ONSEMI-MC33368_05 Datasheet
276Kb / 16P
   High Voltage GreenLine TM Power Factor Controller
September, 2005 ??Rev. 8
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC44603A ONSEMI-MC44603A_05 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
   MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
   HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com