Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E167 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100E167
Description  5V ECL 6-Bit 2:1 MUX-Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E167 Datasheet(HTML) 6 Page - ON Semiconductor

  MC100E167 Datasheet HTML 1Page - ON Semiconductor MC100E167 Datasheet HTML 2Page - ON Semiconductor MC100E167 Datasheet HTML 3Page - ON Semiconductor MC100E167 Datasheet HTML 4Page - ON Semiconductor MC100E167 Datasheet HTML 5Page - ON Semiconductor MC100E167 Datasheet HTML 6Page - ON Semiconductor MC100E167 Datasheet HTML 7Page - ON Semiconductor MC100E167 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10E167, MC100E167
http://onsemi.com
6
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10E167FN
PLCC−28
37 Units / Rail
MC10E167FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10E167FNR2
PLCC−28
500 / Tape & Reel
MC10E167FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
MC100E167FN
PLCC−28
37 Units / Rail
MC100E167FNR2
PLCC−28
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100E167

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E167 ONSEMI-MC100E167 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-REGISTER
REV 2
More results

Similar Description - MC100E167

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
logo
ON Semiconductor
MC10E167 ONSEMI-MC10E167 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-REGISTER
REV 2
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com