Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E166 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E166
Description  5V ECL 9-Bit Magnitude Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E166 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E166_06 Datasheet HTML 1Page - ON Semiconductor MC10E166_06 Datasheet HTML 2Page - ON Semiconductor MC10E166_06 Datasheet HTML 3Page - ON Semiconductor MC10E166_06 Datasheet HTML 4Page - ON Semiconductor MC10E166_06 Datasheet HTML 5Page - ON Semiconductor MC10E166_06 Datasheet HTML 6Page - ON Semiconductor MC10E166_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10E166, MC100E166
http://onsemi.com
2
A3
B3
NC
VEE
A4
B4
A5
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
89
10
B2
A2
B1
A1
B0
A0 VCCO
A = B
NC
VCC
B>A
VCCO
A>B
NC
B5
A6
B6
A7
B7
A8
B8
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28−Lead Pinout Assignment
Warning: All VCC, VCCO ,and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 2. Logic Diagram
A0 − A8
B0 − B8
9
9
A > B
B > A
A = B
Table 1. PIN DESCRIPTION
PIN
FUNCTION
A0 − A8
ECL A Data Inputs
B0 − B8
ECL B Data Inputs
A > B
ECL A Greater than B Output
B > A
ECL B Greater than A Output
A = B
ECL A Equal to B Output
(active-LOW)
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect


Similar Part No. - MC10E166_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
REV 3
More results

Similar Description - MC10E166_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
REV 3
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166_06 Datasheet
58Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
   5-Bit Magnitude Comparator
1996 REV 5
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com