Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL57 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EL57
Description  5V ECL 4:1 Differential Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL57 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EL57_06 Datasheet HTML 1Page - ON Semiconductor MC10EL57_06 Datasheet HTML 2Page - ON Semiconductor MC10EL57_06 Datasheet HTML 3Page - ON Semiconductor MC10EL57_06 Datasheet HTML 4Page - ON Semiconductor MC10EL57_06 Datasheet HTML 5Page - ON Semiconductor MC10EL57_06 Datasheet HTML 6Page - ON Semiconductor MC10EL57_06 Datasheet HTML 7Page - ON Semiconductor MC10EL57_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL57, MC100EL57
http://onsemi.com
2
Table 1. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 KW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charge Device Model
> 1 kV
> 100 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
109 Devices
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
D1
Figure 1. Logic Diagram and Pinout Assignment
D0
D2
D2
D3
15
16
14
13
12
11
10
2
1
3456
7
VCC
9
8
D3
D0
SEL0 SEL1 QQ
VBB1 VBB2 VEE
D1
4:1
DATA OUT
D0
D1
D2
D3
D0−3, D0−3
ECL Diff Data Inputs
SEL0,1
ECL MUX Select Inputs
Q, Q
ECL Data Outputs
VBB1, VBB2
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
Table 2. PIN DESCRIPTION
SEL1*
L
L
H
H
SEL0*
L
H
L
H
Table 3. FUNCTION TABLE
PIN
FUNCTION
* Pin will default low when left open.


Similar Part No. - MC10EL57_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57D ONSEMI-MC10EL57D Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
MC10EL57DG ONSEMI-MC10EL57DG Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
MC10EL57DR2 ONSEMI-MC10EL57DR2 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
MC10EL57DR2G ONSEMI-MC10EL57DR2G Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results

Similar Description - MC10EL57_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com