Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E136 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E136
Description  5V ECL 6-Bit Universal Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E136 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E136 Datasheet HTML 1Page - ON Semiconductor MC10E136 Datasheet HTML 2Page - ON Semiconductor MC10E136 Datasheet HTML 3Page - ON Semiconductor MC10E136 Datasheet HTML 4Page - ON Semiconductor MC10E136 Datasheet HTML 5Page - ON Semiconductor MC10E136 Datasheet HTML 6Page - ON Semiconductor MC10E136 Datasheet HTML 7Page - ON Semiconductor MC10E136 Datasheet HTML 8Page - ON Semiconductor MC10E136 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 9
1
Publication Order Number:
MC10E136/D
MC10E136, MC100E136
5VECL 6-Bit Universal
Up/Down Counter
Description
The MC10E/100E136 is a 6-bit synchronous, presettable,
cascadable universal counter. The device generates a look-ahead-carry
output and accepts a look-ahead-carry input. These two features allow
for the cascading of multiple E136’s for wider bit width counters that
operate at very nearly the same frequency as the stand alone counter.
The CLOUT output will pulse LOW for one clock cycle one count
before the E136 reaches terminal count. The COUT output will pulse
LOW for one clock cycle when the counter reaches terminal count.
For more information on utilizing the look-ahead-carry features of the
device please refer to the applications section of this data sheet. The
differential COUT output facilitates the E136’s use in programmable
divider and self-stopping counter applications.
Unlike the H136 and other similar universal counter designs, the E136
carry−out and look-ahead-carry−out signals are registered on chip.
This design alleviates the glitch problem seen on many counters
where the carry out signals are merely gated. Because of this
architecture there are some minor functional differences between the
E136 and H136 counters. The user, regardless of familiarity with the
H136, should read this data sheet carefully. Note specifically (see
logic diagram) the operation of the carry out outputs and the
look-ahead-carry in input when utilizing the master reset.
When left open all of the input pins will be pulled LOW via an input
pull−down resistor. The master reset is an asynchronous signal which
when asserted will force the Q outputs LOW.
The Q outputs need not be terminated for the E136 to function
properly, in fact if these outputs will not be used in a system it is
recommended to save power and minimize noise that they be left
open. This practice will minimize switching noise which can reduce
the maximum count frequency of the device or significantly reduce
margins against other noise in the system.
The 100 Series contains temperature compensation.
Features
550 MHz Count Frequency
Fully Synchronous Up and Down Counting
Look-Ahead-Carry Input and Output
Asynchronous Master Reset
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection: Human Body Model: > 2 kV,
Machine Model: > 200 V
Meets or Exceeds JEDEC Standard EIA/JESD78
IC Latchup Test
Moisture Sensitivity Level: Pb = 1; Pb−Free = 3
For Additional Information, see Application Note
AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 506 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE136G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC10E136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
MC10E136 ONSEMI-MC10E136 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E136FN ONSEMI-MC10E136FN Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNG ONSEMI-MC10E136FNG Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNR2 ONSEMI-MC10E136FNR2 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results

Similar Description - MC10E136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
SY10E136 MICREL-SY10E136_06 Datasheet
98Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10E150 ONSEMI-MC10E150_06 Datasheet
79Kb / 8P
   5V ECL 6-Bit D Latch
December, 2006 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com