Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E111FNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100E111FNG
Description  5V ECL 1:9 Differential Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E111FNG Datasheet(HTML) 5 Page - ON Semiconductor

  MC100E111FNG Datasheet HTML 1Page - ON Semiconductor MC100E111FNG Datasheet HTML 2Page - ON Semiconductor MC100E111FNG Datasheet HTML 3Page - ON Semiconductor MC100E111FNG Datasheet HTML 4Page - ON Semiconductor MC100E111FNG Datasheet HTML 5Page - ON Semiconductor MC100E111FNG Datasheet HTML 6Page - ON Semiconductor MC100E111FNG Datasheet HTML 7Page - ON Semiconductor MC100E111FNG Datasheet HTML 8Page - ON Semiconductor MC100E111FNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10E111, MC100E111
http://onsemi.com
5
Table 5. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 7)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
40
60
45
60
50
69
mA
VOH
Output HIGH Voltage (Note 8)
3975
4020
4120
3975
4020
4120
3975
4020
4120
mV
VOL
Output LOW Voltage (Note 8)
3190
3300
3380
3190
3300
3380
3190
3300
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
VBB
Output Voltage Reference
3.64
3.75
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 9)
3.4
4.6
3.4
4.6
3.4
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V
9. VIHCMR min and max vary 1:1 with VCC.
Table 6. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 10)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
40
60
45
60
50
69
mA
VOH
Output HIGH Voltage (Note 11)
−1025
−980
−880
−1025
−980
−880
−1025
−980
−880
mV
VOL
Output LOW Voltage (Note 11)
−1810 −1700 −1620 −1810 −1700 −1620 −1810 −1700 −1620
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
VBB
Output Voltage Reference
−1.38
−1.25
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 12)
−1.6
−0.4
−1.6
−0.4
−1.6
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
11. Outputs are terminated through a 50 W resistor to VCC − 2.0 V
12.VIHCMR min and max vary 1:1 with VCC.


Similar Part No. - MC100E111FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E111FNG ONSEMI-MC100E111FNG Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results

Similar Description - MC100E111FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E411 ONSEMI-MC10E411_06 Datasheet
127Kb / 8P
   5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer
November, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com