Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33067 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33067
Description  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33067 Datasheet HTML 2Page - ON Semiconductor MC33067 Datasheet HTML 3Page - ON Semiconductor MC33067 Datasheet HTML 4Page - ON Semiconductor MC33067 Datasheet HTML 5Page - ON Semiconductor MC33067 Datasheet HTML 6Page - ON Semiconductor MC33067 Datasheet HTML 7Page - ON Semiconductor MC33067 Datasheet HTML 8Page - ON Semiconductor MC33067 Datasheet HTML 9Page - ON Semiconductor MC33067 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC34067, MC33067
http://onsemi.com
6
24
2.0
3.2
2.4
1.6
0.8
0
0
−50
Figure 8. Reference Output Voltage Change
versus Source Current
Iref, REFERENCE SOURCE CURRENT (mA)
Figure 9. Drive Output Saturation Voltage
versus Load Current
0
−1.0
−2.0
−3.0
3.0
IO, OUTPUT LOAD CURRENT (A)
Figure 10. Drive Output Waveform
90%
10%
20 ns/DIV
Figure 11. Soft−Start Saturation Voltage
versus Capacitor Discharge Current
Idchg, CAPACITOR DISCHARGE CURRENT (mA)
0
−30
−10
−20
−40
1.0
2000
1600
1200
800
400
0
Figure 12. Operating Frequency
versus Supply Current
ICC, SUPPLY CURRENT (mA)
Source Saturation
(Load to Ground)
Source Saturation
(Load to VCC)
GND
TA = −40°C
TA = 25°C
Figure 13. Supply Current versus Supply Voltage
TA = 25°C
TA = −40°C
VCC, SUPPLY VOLTAGE (V)
20
12
4.0
0
16
8.0
VCC = 12 V
80
ms Pulsed Load
120 Hz Rate
TA = −40°C
CL = 1.0 nF
TA = 25 °C
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
0
2.0
4.0
6.0
8.0
10
30
40
50
60
70
80
90
0
4.0
8.0
12
16
20
VCC = 12 V
CL = 1.0 nF
TA = 25 °C
VCC = 12 V
Pin 10 = Vref
TA = 25 °C
TA = −20°C
TA = −125°C
VCC = 12 V
VCC
TA = 25 °C
Enable/UVLO
Adjust Pin
to VCC
(Dashed Line)
Enable/UVLO
Adjust Pin
Open
(Solid Line)


Similar Part No. - MC33067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33067 ONSEMI-MC33067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067 ONSEMI-MC33067 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC33067DW ONSEMI-MC33067DW Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067P ONSEMI-MC33067P Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
More results

Similar Description - MC33067

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com