Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL15DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10EL15DR2G
Description  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL15DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC10EL15DR2G Datasheet HTML 1Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 2Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 3Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 4Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 5Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 6Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 7Page - ON Semiconductor MC10EL15DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EL15, MC100EL15
http://onsemi.com
4
Table 6. 10EL SERIES NECL DC CHARACTERISTICS VCC = 0 V; VEE = −5.0 V (Note 6)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
25
35
25
35
25
35
mA
VOH
Output HIGH Voltage (Note 7)
−1080
−990
−890
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 7)
−1950 −1800 −1650 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage (Single−Ended)
−1230
−890
−1130
−810
−1060
−720
mV
VIL
Input LOW Voltage (Single−Ended)
−1950
−1500 −1950
−1480 −1950
−1445
mV
VBB
Output Voltage Reference
−1.43
−1.30
−1.35
−1.25
−1.31
−1.19
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 8)
−2.5
−0.4
−2.5
−0.4
−2.5
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +0.06 V / −0.5 V.
7. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
8. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 7. 100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 9)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
25
35
25
35
25
38
mA
VOH
Output HIGH Voltage (Note 10)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 10)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 11)
2.5
4.6
2.5
4.6
2.5
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
10.Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.


Similar Part No. - MC10EL15DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15DR2G ONSEMI-MC10EL15DR2G Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results

Similar Description - MC10EL15DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com