Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34067 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC34067
Description  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34067 Datasheet(HTML) 3 Page - ON Semiconductor

  MC34067_05 Datasheet HTML 1Page - ON Semiconductor MC34067_05 Datasheet HTML 2Page - ON Semiconductor MC34067_05 Datasheet HTML 3Page - ON Semiconductor MC34067_05 Datasheet HTML 4Page - ON Semiconductor MC34067_05 Datasheet HTML 5Page - ON Semiconductor MC34067_05 Datasheet HTML 6Page - ON Semiconductor MC34067_05 Datasheet HTML 7Page - ON Semiconductor MC34067_05 Datasheet HTML 8Page - ON Semiconductor MC34067_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34067, MC33067
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(VCC = 12 V [Note 2], ROSC= 18.2 k, RVFO = 2940 W, COSC = 300 pF, RT = 2370 W, CT = 300 pF, CL = 1.0 nF. For typical values
TA = 25°C, for min/max values TA is the operating ambient temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 0 mA, TJ = 25°C)
Vref
5.0
5.1
5.2
V
Line Regulation (VCC = 10 V to 18 V)
Regline
1.0
20
mV
Load Regulation (IO = 0 mA to 10 mA)
Regload
1.0
20
mV
Total Output Variation Over Line, Load, and Temperature
Vref
4.9
5.3
V
Output Short Circuit Current
(0
°C to 70°C)
(−40
°C to 85°C)
IO
30
25
100
100
190
225
mA
Reference Undervoltage Lockout Threshold
Vth
3.8
4.3
4.8
V
ERROR AMPLIFIER
Input Offset Voltage (VCM = 1.5 V)
VIO
1.0
10
mV
Input Bias Current (VCM = 1.5 V)
IIB
0.2
1.0
mA
Input Offset Current (VCM = 1.5 V)
IIO
0
0.5
mA
Open Loop Voltage Gain (VCM = 1.5 V, VO = 2.0 V)
AVOL
70
100
dB
Gain Bandwidth Product (f = 100 kHz)
TA = 25°C
TA = Tlow to Thigh
GBW
3.0
2.7
5.0
MHz
Input Common Mode Rejection Ratio (VCM = 1.5 V to 5.0 V)
CMR
70
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 18 V, f = 120 Hz)
PSR
80
100
dB
Output Voltage Swing
High State (Isource = 2.0 mA)
Low State (Isink = 4.0 mA)
VOH
VOL
2.8
3.2
0.6
0.8
V
1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the Startup Threshold voltage before setting to 12 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. Tlow
=0
°C for MC34067
=− 40
°C for MC33067
Thigh =+ 70°C for MC34067
=+ 85
°C for MC33067


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn