Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E112FNR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E112FNR2
Description  5V ECL Quad Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E112FNR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E112FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 7Page - ON Semiconductor MC10E112FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10E112, MC100E112
http://onsemi.com
2
VCCO
D3
D2
VEE
D1
D0
EN
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
56
7
8
9
10
Q3b Q3a Q3b Q3a VCCO Q2b Q2a
Q2b
Q2a
VCC
Q1b
Q1a
Q1b
Q1a
NC VCCO Q0a Q0b Q0a Q0b
VCCO
1
Pinout: 28-Lead PLCC
(Top View)
*All VCC and VCCO pins are tied together on the die.
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 1. Logic Diagram
D0
D1
D2
D3
EN
Q0a
Q0b
Q0a
Q0b
Q1a
Q1b
Q1a
Q1b
Q2a
Q2b
Q2a
Q2b
Q3a
Q3b
Q3a
Q3b
Figure 2. 28−Lead PLCC Pinout
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0 − D3
ECL Data Inputs
EN
ECL Enable Input
Qna, Qnb
ECL True Outputs
Qna, Qnb
ECL Inverting Outputs
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 2. Truth Table
EN
D
Q
Q
L
H
H
L
H
H
H
L
L
L
L
H
H
L
H
L


Similar Part No. - MC10E112FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E112FNR2G ONSEMI-MC10E112FNR2G Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
More results

Similar Description - MC10E112FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP17 ONSEMI-MC10EP17_16 Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com