Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E107FNR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10E107FNR2
Description  5V ECL Quint 2-Input XOR/XNOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E107FNR2 Datasheet(HTML) 7 Page - ON Semiconductor

  MC10E107FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 7Page - ON Semiconductor MC10E107FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10E107, MC100E107
http://onsemi.com
7
PACKAGE DIMENSIONS
PLCC−28
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776−02
ISSUE E
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L−M
S
0.010 (0.250)
N S
T
S
L−M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L−M
M
0.007 (0.180)
N S
T
−T−
B
S
L−M
S
0.010 (0.250)
N S
T
S
L−M
M
0.007 (0.180)
N S
T
U
S
L−M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L−M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L−M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS −L−, −M−, AND −N− DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM −T−, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
−−−
0.51
−−−
K
0.025
−−−
0.64
−−−
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
−−−
0.020
−−−
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
−−−
1.02
−−−
__
_
_


Similar Part No. - MC10E107FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
More results

Similar Description - MC10E107FNR2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com