Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E104FNG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E104FNG
Description  5V ECL Quint 2-Input AND/NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E104FNG Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E104FNG Datasheet HTML 1Page - ON Semiconductor MC10E104FNG Datasheet HTML 2Page - ON Semiconductor MC10E104FNG Datasheet HTML 3Page - ON Semiconductor MC10E104FNG Datasheet HTML 4Page - ON Semiconductor MC10E104FNG Datasheet HTML 5Page - ON Semiconductor MC10E104FNG Datasheet HTML 6Page - ON Semiconductor MC10E104FNG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC10E104, MC100E104
http://onsemi.com
6
PACKAGE DIMENSIONS
PLCC−28
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776−02
ISSUE E
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L−M
S
0.010 (0.250)
N S
T
S
L−M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L−M
M
0.007 (0.180)
N S
T
−T−
B
S
L−M
S
0.010 (0.250)
N S
T
S
L−M
M
0.007 (0.180)
N S
T
U
S
L−M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L−M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L−M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS −L−, −M−, AND −N− DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM −T−, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
−−−
0.51
−−−
K
0.025
−−−
0.64
−−−
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
−−−
0.020
−−−
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
−−−
1.02
−−−
__
_
_


Similar Part No. - MC10E104FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E104FNG ONSEMI-MC10E104FNG Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results

Similar Description - MC10E104FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com