Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH241DWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVTH241DWRE4
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH241DWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVTH241DWRE4 Datasheet HTML 1Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 2Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 3Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVTH241DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54LVTH241, SN74LVTH241
3.3V ABT OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCAS352K − MARCH 1994 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
These
octal
buffers / drivers
are
designed
specifically for low-voltage (3.3-V) VCC operation,
with the capability to provide a TTL interface to a
5-V system environment.
The ’LVTH241 devices are organized as two 4-bit
line drivers with separate output-enable (1OE,
2OE) inputs. When 1OE is low or 2OE is high, the
devices pass noninverted data from the A inputs
to the Y outputs. When 1OE is high or 2OE is low,
the outputs are in the high-impedance state.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE MARKING
SOIC − DW
Tube
SN74LVTH241DW
LVTH241
SOIC − DW
Tape and reel
SN74LVTH241DWR
LVTH241
−40
°C to 85°C
SOP − NS
Tape and reel
SN74LVTH241NSR
LVTH241
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVTH241DBR
LXH241
TSSOP − PW
Tube
SN74LVTH241PW
LXH241
TSSOP − PW
Tape and reel
SN74LVTH241PWR
LXH241
CDIP − J
Tube
SNJ54LVTH241J
SNJ54LVTH241J
−55
°C to 125°C
CFP − W
Tube
SNJ54LVTH241W
SNJ54LVTH241W
−55 C to 125 C
LCCC − FK
Tube
SNJ54LVTH241FK
SNJ54LVTH241FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54LVTH241 ...J OR W PACKAGE
SN74LVTH241 . . . DB, DW, NS, OR PW PACKAGE
(TOP VIEW)
SN54LVTH241 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
3 2 1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4


Similar Part No. - SN74LVTH241DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH241DWRE4 TI-SN74LVTH241DWRE4 Datasheet
310Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH241DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH241 TI1-SN54LVTH241_16 Datasheet
887Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com