Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16245ADGVRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74LVCH16245ADGVRE4
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH16245ADGVRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74LVCH16245ADGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 9Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Operating Characteristics
SN74LVCH16245A
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES495B – OCTOBER 2003 – REVISED AUGUST 2006
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
36
36
40
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
3
3
4
6
Submit Documentation Feedback


Similar Part No. - 74LVCH16245ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH16245ADGV NEXPERIA-74LVCH16245ADGV Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVCH16245ADGV-Q100 NEXPERIA-74LVCH16245ADGV-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Similar Description - 74LVCH16245ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com