Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72264G2 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72264G2
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72264G2 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72264G2 Datasheet HTML 45Page - STMicroelectronics ST72264G2 Datasheet HTML 46Page - STMicroelectronics ST72264G2 Datasheet HTML 47Page - STMicroelectronics ST72264G2 Datasheet HTML 48Page - STMicroelectronics ST72264G2 Datasheet HTML 49Page - STMicroelectronics ST72264G2 Datasheet HTML 50Page - STMicroelectronics ST72264G2 Datasheet HTML 51Page - STMicroelectronics ST72264G2 Datasheet HTML 52Page - STMicroelectronics ST72264G2 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
49/172
WATCHDOG TIMER (Cont’d)
11.1.4 How to Program the Watchdog Timeout
Figure 32 shows the linear relationship between
the 6-bit value to be loaded in the Watchdog Coun-
ter (CNT) and the resulting timeout duration in mil-
liseconds. This can be used for a quick calculation
without taking the timing variations into account. If
more precision is needed, use the formulae in Fig-
ure 33.
Caution: When writing to the WDGCR register, al-
ways write 1 in the T6 bit to avoid generating an
immediate reset.
Figure 32. Approximate Timeout Duration
Watchdog timeout (ms) @ 8 MHz. fOSC2
3F
00
38
128
1.5
65
30
28
20
18
10
08
50
34
18
82
98
114


Similar Part No. - ST72264G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72264G2 STMICROELECTRONICS-ST72264G2 Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72264G2B6 STMICROELECTRONICS-ST72264G2B6 Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72264G2M6 STMICROELECTRONICS-ST72264G2M6 Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
More results

Similar Description - ST72264G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
   8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com