Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33065-H Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33065-H
Description  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065-H Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33065-H Datasheet HTML 3Page - ON Semiconductor MC33065-H Datasheet HTML 4Page - ON Semiconductor MC33065-H Datasheet HTML 5Page - ON Semiconductor MC33065-H Datasheet HTML 6Page - ON Semiconductor MC33065-H Datasheet HTML 7Page - ON Semiconductor MC33065-H Datasheet HTML 8Page - ON Semiconductor MC33065-H Datasheet HTML 9Page - ON Semiconductor MC33065-H Datasheet HTML 10Page - ON Semiconductor MC33065-H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MC34065−H, L
http://onsemi.com
7
VCC =15V
CL =15pF
TA =25°C
VCC =15V
CL =1.0nF
TA =25°C
VCC =11 V to 15V
TA =25°C
Figure 9. Reference Load Regulation
Figure 10. Reference Line Regulation
Figure 11. Output Saturation Voltage
versus Load Current
Figure 12. Output Waveform
1.0 ms/DIV
1.0 ms/DIV
IO, OUTPUT LOAD CURRENT (mA)
0
−2.0
−4.0
−6.0
4.0
2.0
0
0
100
200
300
400
VCC
TA =−55°C
Gnd
Sink Saturation
(Load to VCC)
Source Saturation
(Load to Ground)
TA =25°C
TA =−55°C
TA =25°C
VCC =15V
80
μs Pulsed Load
120 Hz Rate
90% −
10% −
100 ns/DIV
VCC =15V
IO =1.0 mA to 10mA
TA =25°C
Figure 13. Output Cross Conduction Current
Figure 14. Supply Current versus Supply
Voltage
100 ns/DIV
32
24
16
8.0
0
0
4.0
8.0
12
16
20
VCC, SUPPLY VOLTAGE (V)
−H Suffix
−L Suffix
RT =10k
CT =3.3nF
VFB =0V
Current Sense=0V
TA =25°C


Similar Part No. - MC33065-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33065DW ONSEMI-MC33065DW Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P ONSEMI-MC33065P Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC33065P-H ONSEMI-MC33065P-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
More results

Similar Description - MC33065-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com