Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS3201T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MBRS3201T3
Description  200V, 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201T3 Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS3201T3_05 Datasheet HTML 1Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 2Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 3Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS3201T3
http://onsemi.com
3
1.0
10
100
1000
0
20
40
60
80
100 120 140 160 180 200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC
SQUARE
VR, REVERSE VOLTAGE (V)
Figure 5. Typical Capacitance
IO, AVERAGE FORWARD CURRENT
Figure 6. Power Dissipation
0
1
2
3
4
5
6
7
80
90
100
110
120
130
140
150
160
TL, LEAD TEMPERATURE (°C)
Figure 7. Derating Curve
DC
SQUAREWAVE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn