Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS3201T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MBRS3201T3
Description  200V, 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS3201T3_05 Datasheet HTML 1Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 2Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 3Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS3201T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead
RqJL
12
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
60
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage
(IF = 3 A, TJ = 25°C)
(IF = 3 A, TJ = 150°C)
VF
0.84
0.59
V
Maximum Instantaneous Reverse Current (Rated VR)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
IR
1.0
5.0
mA
mA
Maximum Reverse Recovery Time
(IF = 1 A, di/dt = 100 A/us, VR = 30 V)
trr
35
ns
0.1
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VF, INSTANTANEOUS VOLTAGE (V)
25
°C
150
°C
100
°C
Figure 1. Typical Forward Voltage
0.1
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VF, INSTANTANEOUS VOLTAGE (V)
25
°C
150
°C
100
°C
Figure 2. Maximum Forward Voltage
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Current
1E−9
1E−8
1E−7
1E−6
1E−5
1E−4
1E−3
1E−2
1E−1
0
20
40
60
80
100 120 140 160 180 200
150
°C
100
°C
25
°C
Figure 4. Maximum Reverse Current
1.0E−06
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
120 140
180 200
TC = 25°C
TC = 150°C
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn