Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS3201T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MBRS3201T3
Description  200V, 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRS3201T3_05 Datasheet HTML 1Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 2Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 3Page - ON Semiconductor MBRS3201T3_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 2
1
Publication Order Number:
MBRS3201T3/D
MBRS3201T3
200V, 3A Schottky
Fast Soft−Recovery
Power Rectifier
SMC Power Surface Mount Package
Features
Lower Forward Voltage than any Ultrafast Rectifier:
VF < 0.59 V at 150
°C
Fast Switching Speed: Reverse Recovery Time (tRR) < 35 ns
Soft Recovery Characteristics: Softness Factor (tb/ta) w 1
Highly Stable Over Temperature
Pb−Free Package is Available
Benefits
Significantly Reduced EMI
Eliminates the Need of Snubber Circuits
Low Switching and Heat Losses
Improved Thermal Management
Applications
Engine and Convenience Control Systems
Motor Controls
Battery Chargers and Switching Power Supplies
Mechanical Characteristics
Small Compact Surface Mount Package with J–Bend Leads
Rectangular Package for Automated Handling
Weight: 217 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Maximum for 10 Seconds
Polarity: Notch in Plastic Body Indicates Cathode Lead
MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Average Rectified Forward Current
(Rated VR, TC = 70°C)
IF(AV)
3
A
Nonrepetitive Peak Surge Current
IFSM
100
A
Operating Junction Temperature
TJ
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MBRS3201T3
SMC
2500 / Tape & Reel
SCHOTTKY RECTIFIER
3 AMPS, 200 VOLTS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRS3201T3G
SMC
(Pb−Free)
2500 / Tape & Reel
B321
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
B321
G
G
MARKING DIAGRAM
SMC
CASE 403
PLASTIC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn