Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS540T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MBRS540T3
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MBRS540T3 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBRS540T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Lead (Note 2)
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJL
RqJA
12
111
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 5.0 A, TC= 25°C)
VF
0.50
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TC = 25°C)
(Rated dc Voltage, TC = 100°C)
iR
0.3
15
mA
2. Rating applies when surface mounted on the minimum pad size recommended.
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
10
1
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
VR, REVERSE VOLTAGE (V)
100E−3
10E−3
10E−6
100E−6
30
40
20
10
0
100E−9
100E−12
TJ = 125°C
0.20
0.40
0.60
TJ = 100°C
10
1
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (V)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.20
0.40
0.70
TJ = 100°C
0.60
1E−3
1E−6
10E−9
1E−9
TJ = −55°C
TJ = 25°C
TJ = 100°C
VR, REVERSE VOLTAGE (V)
100E−3
10E−3
10E−6
100E−6
30
40
20
10
0
TJ = 125°C
1E−3
1E−6
TJ = −55°C
TJ = 25°C
TJ = 100°C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn