Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRS540T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MBRS540T3
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS540T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRS540T3_05 Datasheet HTML 1Page - ON Semiconductor MBRS540T3_05 Datasheet HTML 2Page - ON Semiconductor MBRS540T3_05 Datasheet HTML 3Page - ON Semiconductor MBRS540T3_05 Datasheet HTML 4Page - ON Semiconductor MBRS540T3_05 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 5
1
Publication Order Number:
MBRS540T3/D
MBRS540T3
Preferred Device
Surface Mount Schottky
Power Rectifier
The MBRS540T3 employs the Schottky Barrier principle in a large
area metal−to−silicon power diode. State−of−the−art geometry
features epitaxial construction with oxide passivation and metal
overlay contact. Ideally suited for low voltage, high frequency
rectification, or as free wheeling and polarity protection diodes in
surface mount applications where compact size and weight are critical
to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
Highly Stable Oxide Passivated Junction
Excellent Ability to Withstand Reverse Avalanche Energy Transients
Guard−Ring for Stress Protection
Pb−Free Package is Available
Mechanical Characteristics
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 217 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Notch in Plastic Body Indicates Cathode Lead
ESD Rating: Machine Model, C (> 400 V)
Human Body Model, 3B (> 8000 V)
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(At Rated VR, TC = 105°C)
IF(AV)
5
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave,
20 KHz, TC = 80°C)
IFRM
10
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
190
A
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
Device
Package
Shipping
ORDERING INFORMATION
SMC
CASE 403
PLASTIC
MBRS540T3
SMC
2500/Tape & Reel
SCHOTTKY BARRIER
RECTIFIER
5.0 AMPERES, 40 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRS540T3G
SMC
(Pb−Free)
2500/Tape & Reel
http://onsemi.com
B540
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
B540
G
G


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn