Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34065-H Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC34065-H
Description  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065-H Datasheet(HTML) 2 Page - ON Semiconductor

  MC34065-H_06 Datasheet HTML 1Page - ON Semiconductor MC34065-H_06 Datasheet HTML 2Page - ON Semiconductor MC34065-H_06 Datasheet HTML 3Page - ON Semiconductor MC34065-H_06 Datasheet HTML 4Page - ON Semiconductor MC34065-H_06 Datasheet HTML 5Page - ON Semiconductor MC34065-H_06 Datasheet HTML 6Page - ON Semiconductor MC34065-H_06 Datasheet HTML 7Page - ON Semiconductor MC34065-H_06 Datasheet HTML 8Page - ON Semiconductor MC34065-H_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC34065−H, L
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Output Current, Source or Sink (Note 1)
IO
400
mA
Output Energy (Capacitive Load per Cycle)
W
5.0
μJ
Current Sense, Enable, and Voltage Feedback Inputs
Vin
− 0.3 to +5.5
V
Sync Input
High State (Voltage)
Low State (Reverse Current)
VIH
IIL
+5.5
− 5.0
V
mA
Error Amp Output Sink Current
IO
10
mA
Power Dissipation and Thermal Characteristics
DW Suffix, Plastic Package Case 751G
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
P Suffix, Plastic Package Case 648
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
PD
RθJA
PD
RθJA
862
145
1.25
100
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34065
MC33065
TA
0 to +70
− 40 to +85
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 8.2 kΩ, CT = 3.3 nF, for typical values TA = 25°C, for min/max
values
TA is the operating ambient temperature range that applies to [Note 3].)
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = 25°C)
Vref
4.85
5.0
5.13
V
Line Regulation (VCC = 11 V to 20 V)
Regline
2.0
20
mV
Load Regulation (IO = 1.0 mA to 10 mA, VCC = 20 V)
Regload
3.0
25
mV
Total Output Variation over Line, Load, and Temperature
Vref
4.8
5.15
V
Output Short Circuit Current
ISC
30
100
mA
OSCILLATOR AND PWM SECTIONS
Total Frequency Variation over Line and Temperature
VCC = 11 V to 20 V, TA = Tlow to Thigh
MC34065
MC33065
fosc
46.5
45
49
49
51.5
53
kHz
Frequency Change with Voltage (VCC = 11 V to 20 V)
Δfosc/ΔV
0.2
1.0
%
Duty Cycle at each Output
Maximum
Minimum
DCmax
DCmin
46
49.5
52
0
%
Sync Input Current
High State (Vin = 2.4 V)
Low State (Vin = 0.8 V)
IIH
IIL
170
80
250
160
μA
ERROR AMPLIFIERS
Voltage Feedback Input (VO = 2.5 V)
VFB
2.45
2.5
2.55
V
Input Bias Current (VFB = 5.0 V)
IIB
− 0.1
− 1.0
μA
Open Loop Voltage Gain (VO = 2.0 V to 4.0 V)
AVOL
65
100
dB
Unity Gain Bandwidth (TJ = 25°C)
BW
0.7
1.0
MHz
Power Supply Rejection Ratio (VCC = 11 V to 20 V)
PSRR
60
90
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn