Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34065-H Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC34065-H
Description  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065-H Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC34065-H_06 Datasheet HTML 2Page - ON Semiconductor MC34065-H_06 Datasheet HTML 3Page - ON Semiconductor MC34065-H_06 Datasheet HTML 4Page - ON Semiconductor MC34065-H_06 Datasheet HTML 5Page - ON Semiconductor MC34065-H_06 Datasheet HTML 6Page - ON Semiconductor MC34065-H_06 Datasheet HTML 7Page - ON Semiconductor MC34065-H_06 Datasheet HTML 8Page - ON Semiconductor MC34065-H_06 Datasheet HTML 9Page - ON Semiconductor MC34065-H_06 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MC34065−H, L
http://onsemi.com
6
Figure 3. Error Amp Small−Signal
Transient Response
Figure 4. Error Amp Large−Signal
Transient Response
Figure 5. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 6. Current Sense Input Threshold
versus Error Amp Output Voltage
1.0
μs/DIV
1.0
μs/DIV
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0
30
60
90
120
150
180
Phase
Gain
VCC =15V
VO =1.5 V to 2.5V
RL =100 k
TA =25°C
0
1.0
2.0
3.0
4.0
7.0
5.0
6.0
VO, ERROR AMP OUTPUT VOLTAGE (V)
VCC =15V
AV =−1.0
TA =25°C
VCC =15V
AV =−1.0
TA =25°C
Figure 7. Reference Voltage Change
versus Source Current
Figure 8. Reference Short Circuit Current
versus Temperature
Iref, REFERENCE SOURCE CURRENT (mA)
0
20
40
60
80
100
120
TA, AMBIENT TEMPERATURE (°C)
−55
−25
0
25
50
75
100
125
VCC =15V
RL ≤ 0.1 Ω
2.55V
2.50V
2.45V
3.0V
2.50V
2.0V
100
80
60
40
20
0
−20
0.6
1.2
1.0
0.2
0.4
0.8
0
0
−4.0
−8.0
−12
−16
−20
−24
120
100
80
60
VCC = 15 V
TA = 125°C
TA = 25°C
TA = −55°C
VCC = 15 V
TA = −55°C
TA = 25°C
TA = 125°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn