Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34065-H Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC34065-H
Description  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34065-H Datasheet(HTML) 5 Page - ON Semiconductor

  MC34065-H_06 Datasheet HTML 1Page - ON Semiconductor MC34065-H_06 Datasheet HTML 2Page - ON Semiconductor MC34065-H_06 Datasheet HTML 3Page - ON Semiconductor MC34065-H_06 Datasheet HTML 4Page - ON Semiconductor MC34065-H_06 Datasheet HTML 5Page - ON Semiconductor MC34065-H_06 Datasheet HTML 6Page - ON Semiconductor MC34065-H_06 Datasheet HTML 7Page - ON Semiconductor MC34065-H_06 Datasheet HTML 8Page - ON Semiconductor MC34065-H_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC34065−H, L
http://onsemi.com
5
Figure 1. Timing Resistor versus
Oscillator Frequency
Figure 2. Maximum Output Duty Cycle
versus Oscillator Frequency
4.0
6.0
8.0
10
14
16
fOSC, OSCILLATOR FREQUENCY (Hz)
12
3.3nF
500pF
220pF
330pF
2.2nF
5.0nF
1.0nF
10k
30k
50k
300k 500k
100k
1.0 M
100pF
fOSC, OSCILLATOR FREQUENCY (Hz)
38
40
42
44
48
50
46
Output2
Output1
10k
30k
50k
300k 500k
100k
1.0 M
VCC =15V
RT =4.0 k to 16k
TA = 25°
CL =15pF
CT =
10nF
VCC =15V
TA =25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn