Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBRA340T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MBRA340T3
Description  Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MBRA340T3 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRA340T3
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 5. Current Derating
25
45
85
65
0
2.5
TL, LEAD TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
0.5
1.5
2
3
0
1
2.5
1.8
0
0.6
IO, AVERAGE FORWARD CURRENT (AMPS)
Figure 7. Capacitance
0.5
1
1.5
2
5
3
3.5
4.5
SQUARE WAVE
dc
Ipk/IO = 20
3.5
5
4.5
0.2
0.4
1.0
0.8
1.6
105
145
125
Figure 8. Typical Operating Temperature
Derating
VR, REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
100
1000
40
VR, DC REVERSE VOLTAGE (VOLTS)
30
25
20
15
10
5
0
115
105
95
85
75
65
55
125
Ipk/IO = 10
Ipk/IO = 5
Ipk/IO = p
freq = 20 kHz
1.4
1.2
dc
SQUARE
WAVE
Ipk/IO = p
Ipk/IO = 5
Ipk/IO = 10
Ipk/IO = 20
35
TJ = 25 °C
40
35
RqJA = 22 °C/W
RqJA = 43 °C/W
RqJA = 96 °C/W
RqJA = 81 °C/W
4
4
RqJA = 63 °C/W


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn