Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR0520LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MBR0520LT1
Description  Surface Mount Schottky Power Rectifier Plastic SOD−123 Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MBR0520LT1 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 5
1
Publication Order Number:
MBR0520LT1/D
MBR0520LT1, MBR0520LT3
Preferred Devices
Surface Mount
Schottky Power Rectifier
Plastic SOD−123 Package
The Schottky Power Rectifier employs the Schottky Barrier
principle with a barrier metal that produces optimal forward voltage
drop−reverse current tradeoff. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package provides an alternative to the
leadless 34 MELF style package. These state−of−the−art devices have
the following features:
Features
Guardring for Stress Protection
Very Low Forward Voltage (0.38 V Max @ 0.5 A, 25°C)
125°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Package Designed for Optimal Automated Board Assembly
Pb−Free Packages are Available
Mechanical Characteristics
Reel Options:
MBR0520LT1 = 3,000 per 7
″ reel/8 mm tape
MBR0520LT3 = 10,000 per 13
″ reel/8 mm tape
Polarity Designator: Cathode Band
Weight: 11.7 mg (approximately)
Case: Epoxy, Molded
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
B2
= Device Code
M
= Date Code
G
= Pb−Free Package
http://onsemi.com
SCHOTTKY BARRIER
RECTIFIER
0.5 AMPERES, 20 VOLTS
SOD−123
CASE 425
STYLE 1
MARKING DIAGRAM
B2 M
G
G
Device
Package
Shipping
ORDERING INFORMATION
MBR0520LT1
SOD−123
3000/Tape & Reel
MBR0520LT3
SOD−123
10,000/Tape & Reel
MBR0520LT1G
SOD−123
(Pb−Free)
3000/Tape & Reel
MBR0520LT3G
SOD−123
(Pb−Free)
10,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Preferred devices are recommended choices for future use
and best overall value.
(Note: Microdot may be in either location)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn