Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1518BETJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1518BETJ
Description  TFT-LCD DC-DC Converter with Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1518BETJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1518BETJ Datasheet HTML 1Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1518BETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, VSUP = 8V, PGND = AGND = BGND = 0, IREF = 25µA, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless other-
wise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX On-Resistance
RLX(ON)
160
250
m
LX Leakage Current
ILX
VLX = 13V
0.02
40
µA
LX Current Limit
ILIM
VFB = 1V, duty cycle = 65%
2.5
3.0
3.5
A
Current-Sense
Transconductance
3.0
3.8
5.0
S
Soft-Start Period
tSS
14
ms
Soft-Start Step Size
ILIM / 8
A
OPERATIONAL AMPLIFIERS
SUP Supply Range
VSUP
4.5
13.0
V
SUP Supply Current
ISUP
Buffer configuration, VPOS_ = 4V, no load
2.4
3.8
mA
Input Offset Voltage
VOS
(VNEG_, VPOS_, VOUT_)
≅ VSUP / 2,
TA = +25
°C
012
mV
Input Bias Current
IBIAS
(VNEG_ , VPOS_, VOUT_)
≅ VSUP / 2
+1
±50
nA
Input Common-Mode Range
VCM
0
VSUP
V
Common-Mode Rejection Ratio
CMRR
0
≤ (VNEG_, VPOS_) ≤ VSUP
45
dB
Open-Loop Gain
125
dB
IOUT_ = 100µA
VSUP -
15
VSUP -
3
Output Voltage Swing, High
VOH
IOUT_ = 5mA
VSUP -
150
VSUP -
80
mV
IOUT_ = -100µA
2
15
Output Voltage Swing, Low
VOL
IOUT_ = -5mA
80
150
mV
Short-Circuit Current
To VSUP / 2, source or sink
50
150
mA
Output Source and Sink Current
(VNEG_ , VPOS_, VOUT_)
≅ VSUP / 2,
|
∆VOS| < 10mV (|∆VOS| < 30mV for OUT3)
40
mA
Power-Supply Rejection Ratio
PSRR
DC, 6V
≤ VSUP ≤ 13V,
(VNEG_, VPOS_)
≅ VSUP/2
60
dB
Slew Rate
13
V/µs
-3dB Bandwidth
RL = 10k
Ω, CL = 10pF, buffer configuration
12
MHz
Gain-Bandwidth Product
GBW
Buffer configuration
8
MHz
GATE-ON LINEAR-REGULATOR CONTROLLER
FBP Regulation Voltage
VFBP
IDRVP = 100µA
1.231
1.250
1.269
V
FBP Fault Trip Level
VFBP falling
0.96
1.00
1.04
V
FBP Input Bias Current
IFBP
VFBP = 1.4V
-50
+50
nA
FBP Effective Load-Regulation
Error (Transconductance)
VDRVP = 10V, IDRVP = 50µA to 1mA
-0.7
-1.5
%


Similar Part No. - MAX1518BETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1518 MAXIM-MAX1518 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1518 MAXIM-MAX1518 Datasheet
247Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
MAX1518A MAXIM-MAX1518A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1518AETJ MAXIM-MAX1518AETJ Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1518ETJ MAXIM-MAX1518ETJ Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
More results

Similar Description - MAX1518BETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
   TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_11 Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com