Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9206DRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9206DRZ-T
Description  FlexiHash For Battery Authentication
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9206DRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9206DRZ-T Datasheet HTML 1Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 2Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 3Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 4Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 5Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 6Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 7Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 8Page - Intersil Corporation ISL9206DRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN9260.2
ISL9206
FlexiHash+™ For Battery Authentication
The ISL9206 is a highly cost-effective fixed-secret hash
engine based on Intersil’s second generation FlexiHash™
technology. The device authentication is achieved through a
challenge-response scheme customized for low-cost
applications, where cloning via eavesdropping without
knowledge of the device’s secret code is not economically
viable. When used for its intended applications, the ISL9206
offers the same level of effectiveness as other significantly
more expensive high-maintenance hash algorithm and
authentication schemes.
The ISL9206 has a wide operating voltage range, and is
suitable for direct powering from a 1-cell Li-Ion/Li-Poly or a
3-cell series NiMH battery pack. The ISL9206 can also be
powered by the XSD bus when the bus pull-up voltage is
3.3V or higher. The device connects directly to the cell
terminals of a battery pack, and includes on-chip voltage
regulation circuit, POR, and a non-crystal based oscillator for
bus timing reference.
Communication with the host is achieved through a single-
wire XSD interface - a light-weight subset of Intersil’s ISD bus
interface. The XSD bus is compatible for use with serial ports
offered by all 8250 compatible UART’s or a single GPIO
(general purpose input and output) pin of a microprocessor.
A clone prevention solution utilizing the ISL9206 offers
safety and revenue protection at the lowest cost and power,
and is suitable for protection against after-market
replacement for a wide variety of low-cost applications.
Features
• Challenge-response based authentication scheme using
32-Bit challenge code and 8-Bit authentication code.
• Fast and flexible authentication process. Multi-pass
authentication can be used to achieve the highest security
level if necessary.
• 16x8 OTP ROM stores up to three sets of 32-Bit
host-selectable secrets with additional programmable
memory for storage of up to 48-Bits of ID code and/or pack
information.
• FlexiHash+ engine uses two sets of 32-Bit secrets for
authentication code generation.
• Non-unique mapping of the secret key to an 8-Bit
authentication code maximizes hacking difficulty due to
need for exhaustive key search (superior to SHA-1).
• Supports 1-cell Li-Ion/Li-Poly and 3-cell series NiMH
battery packs (2.6V ~ 4.8V operation), or powered by the
XSD bus.
• XSD single-wire host bus interface communicates with all
8250-compatible UART’s or a single GPIO. Supports CRC
on read data and transfer bit-rate up to 23kbps.
• True “Zero Power” Sleep mode - automatically entered
after a bus inactivity time-out period
• 5 Ld SOT-23 or 8 Ld TDFN (2mm x 3mm) packages
• -20°C to +85°C operating temperature range
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery Pack Authentication
• Printer Cartridges
• Add-on Accessories
• Other Non-Monetary Authentication Applications
Related Literature
• Application Note AN1165 “ISL6296 Evaluation Kit”
• Application Note AN1167 “Implementing XSD Host Using
a GPIO”
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL9206DHZ-T
206Z
-20 to +85
5 Ld SOT-23
Tape and Reel
P5.064
ISL9206DRZ-T
06Z
-20 to +85
8 Ld 2x3 TDFN
Tape and Reel
L8.2x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL9206 (8 LD 2X3 TDFN)
TOP VIEW
ISL9206 (5 LD SOT-23)
TOP VIEW
2
3
4
1
7
6
5
8
VSS
NC
NC
VDD
XSD
NC
NC
TIO
1
2
3
5
4
XSD
TIO
VSS
N/C
VDD
Data Sheet
January 5, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005-2007. All Rights Reserved.
FlexiHash is a trademark of Intersil Americas Inc. All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9206DRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9206DRZ-T RENESAS-ISL9206DRZ-T Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
More results

Similar Description - ISL9206DRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
   FlexiHash For Battery Authentication
July 30, 2008
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
   FlexiHash™ For Battery Authentication
May 26, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com