Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9206 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9206
Description  FlexiHash For Battery Authentication
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9206 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9206_07 Datasheet HTML 4Page - Intersil Corporation ISL9206_07 Datasheet HTML 5Page - Intersil Corporation ISL9206_07 Datasheet HTML 6Page - Intersil Corporation ISL9206_07 Datasheet HTML 7Page - Intersil Corporation ISL9206_07 Datasheet HTML 8Page - Intersil Corporation ISL9206_07 Datasheet HTML 9Page - Intersil Corporation ISL9206_07 Datasheet HTML 10Page - Intersil Corporation ISL9206_07 Datasheet HTML 11Page - Intersil Corporation ISL9206_07 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN9260.2
January 5, 2007
XSD Host Bus Interface
Communication with the host is achieved through XSD, a
light-weight subset of Intersil’s ISD single-wire bus interface.
XSD is a programmable-rate pseudo-synchronous
bidirectional host-initiated instruction-based serial
communication interface that allows up to two slave devices
to be attached and addressed separately. It includes
features to enable quick and reliable communication. The
communication protocol is optimized for efficient transfer of
data between the device and the host. The list below
outlines the features supported by the XSD bus interface:
• Programmable bit rate up to 23kbps
• Up to 2 devices can be connected to the host and
addressed separately
• 16-Bit host instruction frame supports multi-byte register
read and write
• Built-in communication error detection
• CRC generation capability
• Supports interrupt signaling
• Integrated bus inactivity detector for automatic activation
of sleep mode
XSD BUS PHYSICAL MODEL
The physical model of the XSD bus is shown in Figure 7.
The model shows a single-wire connection between the host
and the device, not including the ground signal. The input
logic on the device side is designed to be compatible with
any voltage between 1.8V to 5.0V. The host interface should
contain an open-drain or open-collector output. The pull-up
resister RPU can be connected either to the host supply
voltage VDDH or the device supply voltage VDDD. Typically
the host supply voltage should be used for pull-up.
DATA TRANSFER PROTOCOL
To initiate a transaction, the host first sends a 16-Bit
instruction frame to the device, followed by data byte
frame(s) if the instruction is a write operation. The instruction
frame consists of a chip-select code, operation code,
register bank and address pointer, and number of data bytes
information, as shown in Figure 9. If the instruction is a read
operation, the device will return 1 to 17 byte frames of data
back to the host. The serial data transfer always takes place
with the LSB first. The following explains the bus symbols
and the transaction frames are introduced in later sections.
BUS SIGNALING SYMBOLS
The XSD bus is nominally held high. Various bus symbols
and commands are generated by active-low pulse width
modulation. Following are the set of valid bus signaling
symbols supported by the XSD interface:
1) break (issued by host):
• used to wake the device up from Sleep mode (Note: a
narrow ‘break’ can also be used to wake up the device
from the Sleep mode, as described in the Power-on Reset
section)
• used to reset the device’s XSD bit counters and time
qualifiers
• used to signal a change in communication channel (from
one slave device to another)
2) break (issued by device):
• used as ‘device-ready’ indication to the host (after a
Soft-reset or wake up from Sleep mode)
• used as an interrupt indicator
3) ‘1’ symbol:
• used for instruction and data coding
4) ‘0’ symbol:
• used for instruction and data coding
SYMBOL TIMING DEFINITIONS
Symbol timings are defined in terms of bit-time (BT),
determined by the selected bus transfer bit-rate
pre-programmed into the device’s OTP ROM location
0-00[5:4]. Selectable bus speeds are: 2.89kHz (x = 0.5),
5.78kHz (x = 1), 11.56kHz (x = 2) and 23.12kHz (x = 4).
An instruction or data frame consists of a sequence of ‘1’
and/or ‘0’ symbols. Figure 8 illustrates the timing definitions.
A ‘1’ symbol is nominally 0.3 BT wide while a ‘0’ symbol is
nominally 0.7 BT wide. One ‘1’ or ‘0’ symbol is represented
in each BT period. Any detected pulse width less than 0.124
BT wide will be interpreted as a glitch and will result in a bus
error. Table 2 and 3 summarize the timing definitions of all
TABLE 1. INTERRUPT EVENT SUMMARY
CONDITION
INTERRUPT
ENABLE BIT
INTERRUPT
STATUS FLAG
INTERRUPT EVENT
OTP ROM Write-in-
Progress
eEEW
(fixed)
sEEW
Accessing the ISL9206 during an on-going ROM write process (used only during initial
OTP ROM programming).
XSD Bus Error
eINT
sBER
XSD bus error or invalid instruction frame detected. Improper authentication sequence
detected.
Register Access
Error
eINT
sACC
Accessing protected registers.
ISL9206


Similar Part No. - ISL9206_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
357Kb / 17P
   FlexiHash For Battery Authentication
July 30, 2008
logo
Renesas Technology Corp
ISL9206A RENESAS-ISL9206A Datasheet
919Kb / 17P
   FlexiHash™ For Battery Authentication
July 30, 2008
logo
Intersil Corporation
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
   FlexiHash For Battery Authentication
July 30, 2008
More results

Similar Description - ISL9206_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
   FlexiHash For Battery Authentication
July 30, 2008
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
   FlexiHash™ For Battery Authentication
May 26, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com