Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM12 Datasheet(PDF) 1 Page - Bi technologies

Part No. HM12
Description  Output Toroidal Inductors with Mounting Base
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM12 Datasheet(HTML) 1 Page - Bi technologies

  HM12 Datasheet HTML 1Page - Bi technologies HM12 Datasheet HTML 2Page - Bi technologies HM12 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-51
Model HM12 Series
• High performance powdered iron cores for excellent energy storage characteristics
• Cost effective design
• Custom designs available
MODEL HM12 SERIES
Output Toroidal Inductors
with Mounting Base
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-25°C to +105°C
Insulation System
Class B, 130°C
SCHEMATIC (FIGURE 1 & 2)
(1)
(2)
FEATURES
(3) Orientation Pin
APPLICATIONS
• Switching power supply
• Motor control circuit
• Differential EMI filter
• Output ripple current filter
Specifications subject to change without notice.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn