Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS3843A Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3843A
Description  Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3843A Datasheet(HTML) 3 Page - ON Semiconductor

  CS3843A Datasheet HTML 1Page - ON Semiconductor CS3843A Datasheet HTML 2Page - ON Semiconductor CS3843A Datasheet HTML 3Page - ON Semiconductor CS3843A Datasheet HTML 4Page - ON Semiconductor CS3843A Datasheet HTML 5Page - ON Semiconductor CS3843A Datasheet HTML 6Page - ON Semiconductor CS3843A Datasheet HTML 7Page - ON Semiconductor CS3843A Datasheet HTML 8Page - ON Semiconductor CS3843A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS2842A, CS3842A, CS2843A, CS3843A
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage (ICC < 30 mA)
Self Limiting
Supply Voltage (Low Impedance Source)
30
V
Output Current
±1.0
A
Output Energy (Capacitive Load)
5.0
μJ
Analog Inputs (VFB, Sense)
−0.3 to + 5.5
V
Error Amp Output Sink Current
10
mA
Package Thermal Resistance, PDIP−8
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
52
100
°CW
°CW
Package Thermal Resistance, SO−8
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
45
165
°CW
°CW
Package Thermal Resistance, SO−14
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
30
125
°CW
°CW
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum.
2. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (−25° ≤ TA ≤ 85° for CS2842A/CS2843A, 0° ≤ TA ≤ 70° for CS3842A/CS3843A.
VCC = 15 V*; RT = 680 Ω, CT = 0.022 μF for triangular mode, RT = 10 kΩ, CT = 3.3 nF for sawtooth mode (see Figure 7);
unless otherwise stated.)
Characteristic
Test Conditions
CS2842A/CS2843A
CS3842A/CS3843A
Unit
Min
Typ
Max
Min
Typ
Max
Reference Section
Output Voltage
TJ = 25°C, IOUT = 1.0 mA
4.95
5.00
5.05
4.90
5.00
5.10
V
Line Regulation
12 ≤ VIN ≤ 25 V
6.0
20
6.0
20
mV
Load Regulation
1.0 ≤ IOUT ≤ 20 mA
6.0
25
6.0
25
mV
Temperature Stability
Note 3.
0.2
0.4
0.2
0.4
mV/°C
Total Output Variation
Line, Load, Temperature (Note 3.)
4.90
5.10
4.82
5.18
V
Output Noise Voltage
10 Hz ≤ f ≤ 10 kHz, TJ = 25°C (Note 3.)
50
50
μV
Long Term Stability
TA = 125°C, 1.0 kHrs. (Note 3.)
5.0
25
5.0
25
mV
Output Short Circuit
TA = 25°C
−30
−100
−180
−30
−100
−180
mA
Oscillator Section
Initial Accuracy
Sawtooth Mode (see Figure 7), TJ = 25°C
Triangular Mode (see Figure 7), TJ = 25°C
47
47
52
52
57
57
47
44
52
52
57
60
kHz
kHz
Voltage Stability
12 ≤ VCC ≤ 25 V
0.2
1.0
0.2
1.0
%
Temperature Stability
Sawtooth Mode TMIN ≤ TA ≤ TMAX (Note 3.)
Triangular Mode TMIN ≤ TA ≤ TMAX (Note 3.)
5.0
8.0
5.0
8.0
%
%
Amplitude
OSC peak to peak
1.7
1.7
V
Discharge Current
TJ = 25°C
TMIN ≤ TA ≤ TMAX
7.5
7.2
8.3
9.3
9.5
7.5
7.2
8.3
9.3
9.5
mA
mA
3. These parameters, although guaranteed, are not 100% tested in production.
*Adjust VCC above the start threshold before setting at 15 V.


Similar Part No. - CS3843A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3843A CHERRY-CS3843A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS3843AGD14 CHERRY-CS3843AGD14 Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS3843AGD8 CHERRY-CS3843AGD8 Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS3843AGDR14 CHERRY-CS3843AGDR14 Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS3843AGDR8 CHERRY-CS3843AGDR8 Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
More results

Similar Description - CS3843A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
logo
STMicroelectronics
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com