Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4LT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. BZX84C2V4LT1
Description  Zener Voltage Regulators 225 mW SOT-23 Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C2V4LT1 Datasheet(HTML) 4 Page - ON Semiconductor

  BZX84C2V4LT1_05 Datasheet HTML 1Page - ON Semiconductor BZX84C2V4LT1_05 Datasheet HTML 2Page - ON Semiconductor BZX84C2V4LT1_05 Datasheet HTML 3Page - ON Semiconductor BZX84C2V4LT1_05 Datasheet HTML 4Page - ON Semiconductor BZX84C2V4LT1_05 Datasheet HTML 5Page - ON Semiconductor BZX84C2V4LT1_05 Datasheet HTML 6Page - ON Semiconductor BZX84C2V4LT1_05 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BZX84B4V7LT1, BZX84C2V4LT1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS − BZX84BxxxL (Tight Tolerance Series)
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
Device
Device
Marking
VZ (Volts) @ IZT = 5 mA
(Note 4)
ZZT (W) @
IZT = 5 mA
(Note 4)
Max Reverse
Leakage
Current
qVZ
(mV/k)
@ IZT = 5 mA
C (pF)
@ VR =0,
f = 1 MHz
IR
@
VR
Min
Nom
Max
Max
mA
Volts
Min
Max
BZX84B4V7LT1, G
T10
4.61
4.7
4.79
80
3
2
−3.5
0.2
260
BZX84B5V1LT1, G
T11
5.00
5.1
5.20
60
2
2
−2.7
1.2
225
BZX84B5V6LT1, G
T12
5.49
5.6
5.71
40
1
2
−2
2.5
200
BZX84B6V2LT1, G
T13
6.08
6.2
6.32
10
3
4
0.4
3.7
185
BZX84B6V8LT1, G
T14
6.66
6.8
6.94
15
2
4
1.2
4.5
155
BZX84B7V5LT1, G
T15
7.35
7.5
7.65
15
1
5
2.5
5.3
140
BZX84B8V2LT1, G
T16
8.04
8.2
8.36
15
0.7
5
3.2
6.2
135
BZX84B9V1LT1, G
T17
8.92
9.1
9.28
15
0.5
6
3.8
7
130
BZX84B16LT1, G
T19
15.7
16
16.3
40
0.05
11.2
10.4
14
105
BZX84B18LT1, G
T20
17.6
18
18.4
45
0.05
12.6
12.4
16
100
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
* The “G” suffix indicates Pb−Free package available.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn