Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4ET1 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. BZX84C2V4ET1
Description  Zener Voltage Regulators 225 mW SOT-23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C2V4ET1 Datasheet(HTML) 2 Page - ON Semiconductor

  BZX84C2V4ET1_05 Datasheet HTML 1Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 2Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 3Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 4Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 5Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZX84C2V4ET1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C
unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @ VR = 0 and f = 1 MHz
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn