Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4ET1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. BZX84C2V4ET1
Description  Zener Voltage Regulators 225 mW SOT-23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C2V4ET1 Datasheet(HTML) 1 Page - ON Semiconductor

  BZX84C2V4ET1_05 Datasheet HTML 1Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 2Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 3Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 4Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 5Page - ON Semiconductor BZX84C2V4ET1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 5
1
Publication Order Number:
BZX84C2V4ET1/D
BZX84C2V4ET1 Series
Zener Voltage Regulators
225 mW SOT−23 Surface Mount
This series of Zener diodes is offered in the convenient, surface
mount plastic SOT−23 package. These devices are designed to provide
voltage regulation with minimum space requirement. They are well
suited for applications such as cellular phones, hand held portables,
and high density PC boards.
Specification Features
225 mW Rating on FR−4 or FR−5 Board
Zener Breakdown Voltage Range − 2.4 V to 75 V
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
ESD Rating of Class 3 (>16 kV) per Human Body Model
Peak Power − 225 W (8 X 20 ms)
Pb−Free Packages are Available
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Power Dissipation @ 20
ms (Note 1)
@ TL ≤ 25°C
Ppk
225
W
Total Power Dissipation on FR−5 Board,
(Note 2) @ TA = 25°C
Derated above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Sub-
strate, (Note 3) @ TA = 25°C
Derated above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−65 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Nonrepetitive current pulse per Figure 9.
2. FR−5 = 1.0 X 0.75 X 0.62 in.
3. Alumina = 0.4 X 0.3 X 0.024 in, 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
SOT−23
CASE 318
STYLE 8
3
Cathode
1
Anode
BZX84CxxxET1
SOT−23
3000/Tape & Reel
MARKING DIAGRAM
BZX84CxxxET3
SOT−23
10,000/Tape & Reel
3
1
2
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
BZX84CxxxET1G
SOT−23
(Pb−Free)
3000/Tape & Reel
1
xxx M
G
G
BZX84CxxxET3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
xxx
= Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation may vary depending
upon manufacturing location.
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn