Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG03C15 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. BZG03C15
Description  600 Watt Peak Power Zener Surge Rated Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZG03C15 Datasheet(HTML) 2 Page - ON Semiconductor

  BZG03C15_05 Datasheet HTML 1Page - ON Semiconductor BZG03C15_05 Datasheet HTML 2Page - ON Semiconductor BZG03C15_05 Datasheet HTML 3Page - ON Semiconductor BZG03C15_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZG03C15 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL = 25°C, tP = 100 ms
PZSM
600
W
DC Power Dissipation @ TL = 75°C
Measured Zero Lead Length (Note 2)
Derate Above 75
°C
Thermal Resistance, Junction−to−Lead
PD
RqJL
1.5
20
50
W
mW/
°C
°C/W
Forward Surge Current (Note 3) @ TA = 25°C
IFSM
40
A
Operating and Storage Temperature Range
TJ, Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 100
ms, non−repetitive square pulse
2. 1 in. square copper pad, FR−4 board
3. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
SYMBOLS DEFINITIONS
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.2 V Max. @ IF = 0.5 A for all types)
Device*
Device
Marking
VRWM
(Note 4)
IR @ VRWM
Breakdown Voltage
Zzt @ IT
VBR (V) (Note 5)
@ IT
Typ
Max
Volts
mA
Min
Nom
Max
mA
W
W
BZG03C15, G
G15
11
1
13.8
15.0
15.6
50
5.0
10.0
BZG03C150, G
G150
110
1
138
150
156
5
130
300
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level
5. VBR measured at pulse test current IT at an ambient temperature of 25°C
*The “G’’ suffix indicates Pb−Free package available.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn