Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG03C15 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. BZG03C15
Description  600 Watt Peak Power Zener Surge Rated Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZG03C15 Datasheet(HTML) 1 Page - ON Semiconductor

  BZG03C15_05 Datasheet HTML 1Page - ON Semiconductor BZG03C15_05 Datasheet HTML 2Page - ON Semiconductor BZG03C15_05 Datasheet HTML 3Page - ON Semiconductor BZG03C15_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 4
1
Publication Order Number:
BZG03C15/D
BZG03C15 Series
600 Watt Peak Power Zener
Surge Rated Voltage
Regulators
The SMA series is supplied in ON Semiconductor’s exclusive,
cost-effective, highly reliable SURMETIC
t package and is ideally
suited for use in communication systems, automotive, numerical
controls, process controls, medical equipment, business machines,
power supplies and many other industrial/consumer applications.
This new line of 1.5 watt Zener diodes offers the following
advantages:
Specification Features
Standard Zener Breakdown Voltage − 15 V to 150 V
Peak Power 600 Watts @ 100 ms
ESD Rating of Class 3 (> 16 KV) per Human Body Model
Response Time is Typically < 1.0 ns
Flat Handling Surface for Accurate Placement
Package Design for Top Slide or Bottom Circuit Board Mounting
Low Profile Package
Pb−Free Packages are Available
Mechanical Characteristics
CASE:
Void-free, transfer-molded plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by molded polarity notch or polarity
band
MOUNTING POSITION:
Any
PLASTIC SURFACE MOUNT
ZENER VOLTAGE
REGULATORS
600 WATTS PEAK POWER
Device
Package
Shipping
ORDERING INFORMATION
BZG03C15
SMA
5000/Tape & Reel
SMA
CASE 403D
PLASTIC
xx
= Specific Device Code
= (See Table on Page 2)
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
CATHODE
ANODE
http://onsemi.com
BZG03C150
SMA
5000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
xx
AYWW
G
BZG03C15G
SMA
(Pb−Free)
5000/Tape & Reel
BZG03C150G
SMA
(Pb−Free)
5000/Tape & Reel


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn