Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUB323Z Datasheet(PDF) 5 Page - ON Semiconductor

Part No. BUB323Z
Description  NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BUB323Z Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUB323Z
http://onsemi.com
5
Figure 5. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
10000
1000
100
10
100
1000
10000
TJ = 125°C
25
°C
−40
°C
VCE = 1.5 V
Figure 6. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
100000
1000
100
10
100
1000
10000
TYPICAL
VCE = 5 V, TJ = 25°C
10000
TYP + 6
Σ
TYP − 6
Σ
Figure 7. Collector Saturation Region
IB, BASE CURRENT (MILLIAMPS)
100
10
1
0
2.5
4.0
5.0
TJ = 25°C
IC = 3 A
4.5
2.0
3.5
3.0
1.0
0.5
1.5
5 A
7 A
8 A
10 A
Figure 8. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.4
1.4
2.0
2.4
2.2
1.2
1.8
1.6
0.8
0.6
1.0
TJ = 125°C
25
°C
IC/IB = 150
Figure 9. Base−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.8
1.8
2.0
1.4
1.6
1.2
1.0
Figure 10. Base−Emitter “ON” Voltages
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.6
1.4
1.8
2.0
1.2
1.6
0.8
1.0
IC/IB = 150
TJ = 25°C
125
°C
VCE = 2 VOLTS
TJ = 25°C
125
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn